PART |
Description |
Maker |
S29GL256S |
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
|
Cypress Semiconductor
|
DD28F032SA DD28F032SA-080 DD28F032SA-070 DD28F032S |
32-MBIT (2 MBIT X 16/ 4 MBIT X 8) FlashFile MEMORY 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFileMEMORY 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY 4M X 8 FLASH 12V PROM, 100 ns, PDSO56
|
Intel Corporation Intel Corp. PROM Intel, Corp.
|
M36L0T7050B2 M36L0T7050T2 |
(M36L0T7050T2 / M36L0T7050B2) 128 Mbit Flash memory and 32 Mbit PSRAM
|
Numonyx
|
F28F008SA-120 E28F008SA-120 E28F008SA-85 F28F008SA |
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY 8兆(1兆位× 8FlashFileTM记忆 8-MBIT (1-MBIT x 8) FlashFileTM MEMORY 1M X 8 FLASH 12V PROM, 120 ns, PDSO44 8-MBIT (1-MBIT x 8) FlashFileTM MEMORY 1M X 8 FLASH 12V PROM, 85 ns, PDSO44 8-MBIT (1-MBIT x 8) FlashFile MEMORY
|
Intel, Corp. Intel Corp. Intel Corporation
|
IS75V16F128GS32 IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
M36L0R7060T1 M36L0R7060B1 M36L0R7060B1ZAQE M36L0R7 |
128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
|
STMicroelectronics ST Microelectronics, Inc.
|
PM49FL002 PM49FL002T-33VC PM49FL002T-33VCE PM49FL0 |
2 Mbit / 4 Mbit 3.3 Volt-only Fimware Hub / LPC Flash Memory 2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory 2兆位/ 4兆位3.3伏,只固件集线器/ LPC快闪记忆
|
Programmable Microelectronics PMC-Sierra, Inc.
|
M39P0R9070E2 M39P0R9070E2ZADE M39P0R9070E2ZADF |
256 or 512Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit Low Power SDRAM, 1.8V supply, Multi-Chip Package
|
Numonyx B.V
|
M58LR128KB |
(M58LRxxxKx) 128 or 256 Mbit 1.8 V supply Flash memories
|
Numonyx
|